Part Number Hot Search : 
2N3096 32M10 MP1004 K1300E70 2N2905 BU4052BF DPF1500 1N4739AG
Product Description
Full Text Search
 

To Download MAAP-000082 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MAAP-000082
PHS Power Amplifier 1880 - 1930 MHz
Features
* * * * * * * * * * * Ideal for PHS Applications Linear Output Power: +24 dBm Typical @ 3.6 V Small Signal Gain: 36 dB Typical Low Current: 200 mA at +21 dBm Pout Passes 1KV ESD rating Micro-Amp Shutdown Operates from 2.8 V to 4.2 V Lead-Free 3 mm, 12-Lead PQFN Package 100% Matte Tin Plating over Copper Halogen-Free "Green" Mold Compound RoHS* Compliant and 260C Reflow Compatible Rev. V2
Functional Block Diagram
Description
The MAAP-000082 is a three stage power amplifier designed for PHS applications. This power amplifier is packaged in a lead-free standard outline 3 mm, 12-lead PQFN plastic package.
Pin Configuration
Pin No. Pin Name
RFIN N/C VEN1,2 VEN3 N/C N/C RFOUT / VCC3 RFOUT / VCC3 RFOUT / VCC3 VCC2 N/C VCC1
5
Description
RF Input No Connection Power Enable Power Enable No Connection No Connection RF Output, 3rd Stage Supply RF Output, 3rd Stage Supply RF Output, 3rd Stage Supply 2nd Stage Supply No Connection 1st Stage Supply RF & DC Ground
Ordering Information
Part Number
MAAP-000082-TR3000 MAAP-000082-001SMB
1,2
1
Package
3000 piece reel Sample Test Board 1880 - 1930 MHz Tuning
2 3 4 5 6 7
1. Reference Application Note M513 for reel size information. 2. All sample boards include 5 loose parts.
Absolute Maximum Ratings 3,4
Parameter
Input Power Operating Supply Voltage Operating Control Voltage Operating Temperature Channel Temperature Storage Temperature
8 9 10 11 12 Pad
Absolute Maximum
0 dBm +4.2 Volts +3.0 Volts -40C to +85C +150 C -50C to +150C
GND
5. The exposed pad centered on the package bottom must be connected to RF and DC ground.
3. Exceeding any one or combination of these limits may cause permanent damage to this device. 4. M/A-COM does not recommend sustained operation near these survivability limits.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MAAP-000082
PHS Power Amplifier 1880 - 1930 MHz
Rev. V2
Electrical Specifications: F = 1905 MHz, TA = +25 C, VCC = 3.6 V, VEN = 3.0 V, ZO = 50
Parameter Gain Input Return Loss ACPR ALT P1dB PAE Operating Current Idle Current Current, Off Enable Current Forward Isolation Stability Test Conditions POUT = +21 dBm -- POUT = +21 dBm, 600 KHz offset POUT = +24 dBm, 600 KHz offset POUT = +21 dBm, 900 KHz offset POUT = +24 dBm, 900 KHz offset -- POUT = +21 dBm POUT = +24 dBm POUT = +21 dBm POUT = +24 dBm No RF applied VEN = 0 V VEN = 3.0 V VEN = 0 V POUT <27 dBm, VSWR < 4:1 -20C < TA < +70C Units dB dB dBc dBc dBc dBc dBm % % mA mA mA A mA dB Min. 34 -- -- -- -- -- -- -- -- -- -- -- -- -- -- Typ. 36 15 -63 -60 -72 -70 26.5 17 25 200 280 90 3 4 39 All spurs < -60 dBc Max. 38 -- -60 -- -69 -- -- -- -- 240 -- 150 -- -- --
Handling Procedures
Please observe the following precautions to avoid damage:
Static Sensitivity
Silicon germanium Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices.
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MAAP-000082
PHS Power Amplifier 1880 - 1930 MHz
Recommended PCB Configuration
Rev. V2
Schematic
External Parts List
Designator
C1 C2 C3, C4, C5, C10, C11 C6 C7 C8 C9 L1 L2 R1
Value
1000 pF 18 pF 0.1 F 15 pF 47 pF 0.5 pF 2.7 pF 2.2 nH 15 nH 820
Foot Print Manufacturer
0402 0402 0402 0402 0402 0402 0402 0402 0402 0402 Murata Murata Murata Murata Murata Murata Murata Coilcraft Coilcraft Panasonic
Frequency = 1905 MHz
FR-4 Circuit Board, thickness = 0.20 mm
Impedance T1 T2 T3 50 50 50
Electrical Length (mils) 200 120 70
3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MAAP-000082
PHS Power Amplifier 1880 - 1930 MHz
Typical Characteristics @ +25C, -40C, +85C, +60C, -10C, VCC = 3.6 V
Gain vs. POUT @ 1905 MHz
50
+25C -40C +85C +60C -10C
Rev. V2
PAE vs. POUT @ 1905 MHz
40 35 30 25 20 15 10
+25C -40C +85C +60C -10C
45 40 35 30 25 20 10
5 0 15 20 25 30 10 15 20 25 30
P
OUT
(dBm)
P
OUT
(dBm)
ACPR vs. POUT @ 1905 MHz
0
+25C -40C +85C +60C -10C
ALT vs. POUT @ 1905 MHz
0
+25C -40C +85C +60C -10C
-20
-20
-40
-40
-60
-60
-80
-80
-100 10 15 20 25 30
-100 10 15 20 25 30
P
OUT
(dBm)
P
OUT
(dBm)
ICC vs. POUT @ 1905 MHz
600
+25C -40C +85C +60C -10C
500
400
300
200
100 10 15 20 25 30
P
OUT
(dBm)
4
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MAAP-000082
PHS Power Amplifier 1880 - 1930 MHz
Gain vs. POUT
40
Rev. V2
Typical Performance Curves, 1905 MHz, VCC swept from 3.4 V to 4.2 V by 0.2 steps
PAE vs. POUT
40 35 38 30 25 20 34
Gain @3.4 V Gain @3.6 V Gain @3.8 V Gain @4.0 V Gain @4.2 V Gain @3.4 V Gain @3.6 V Gain @3.8 V Gain @4.0 V Gain @4.2 V
36
15 10 5 0 10 15
32
30
P
20
OUT
(dBm)
25
30
10
15
P
20
OUT
(dBm)
25
30
ACPR vs. POUT
0
Gain @3.4 V Gain @3.6 V Gain @3.8 V Gain @4.0 V Gain @4.2 V
ALT vs. POUT
0
Gain @3.4 V Gain @3.6 V Gain @3.8 V Gain @4.0 V Gain @4.2 V
-20
-20
-40
-40
-60
-60
-80
-80
-100 10 15
-100
P
20
OUT
(dBm)
25
30
10
15
P
20
OUT
(dBm)
25
30
ICC vs. POUT
600
Gain @3.4 V Gain @3.6 V Gain @3.8 V Gain @4.0 V Gain @4.2 V
500
400
300
200
100 10 15
P
20
OUT
(dBm)
25
30
5
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MAAP-000082
PHS Power Amplifier 1880 - 1930 MHz
Lead-Free 3 mm 12-Lead PQFN
Rev. V2
Reference Application Note M538 for lead-free solder reflow recommendations. Meets JEDEC moisture sensitivity level 1 requirements.
6
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of MAAP-000082

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X